Part Number Hot Search : 
2SK2357 LTC1734L MAX1338 MAX1795 MAZ4100 2SD1489 IG0512SA 62L10PF
Product Description
Full Text Search
 

To Download CDSS101A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  low leakage current CDSS101A features designed for mounting on small surface. high speed switching. high mounting capability, strong surge withstand, high reliability. mechanical data case: 0805(2012) standard package, molded plastic. t erminals: solder plated, solderable per mil-std-750, method 2026. polarity: indicated by cathode band. mounting position: any . weight: 0.0048 gram (approximately) smd switching diode smd switching diode parameter repetitive peak reverse voltage reverse voltageaverage forward current forward current , surge peak power dissipation storage temperaturejunction temperature conditions 8.3 ms single half sine-wave superimposed on rate load ( jedec method ) symbol v rrm v r io i fsm p d t stg t j min -55 -55 max 90 80 100 300 +125 +125 unit v na pf ns typ 1000 parameter forward voltage reverse currentcapacitance between terminals reverse recovery time conditions i f = 100 ma dc v r = 75 v f = 1mhz, and 1 vdc reverse voltage v r = 6v, i f = 10 ma, r =50 ohms symbol v f i r c t trr min typ max 1.00 50 3 4 unit v v ma ma mw www.com chip.co m.tw c o m c h ip c o m c h ip page 1 0.087(2.20) 0.079(2.00) 0.016(0 .40) typ 0.055(1.40) 0.047(1.20) 0.043 (1.10) 0.035(0.90) 0.008(r0.20) typ. dimensions in inches and (millimeter) 0805(2012) maximum rating ( at t a = 25 unless otherwise noted ) c c electrical characteristics ( at t a = 25 unless otherwise noted ) c c c c rds0208009-c
rating and characteristic curves (CDSS101A) fig. 4 - curren t de rating curve mounting on glass epoxy pcbs 0 20 40 60 80 10 0 0 25 50 75 100 125 150 a v e r a g e f o r w a r d c u r r e n t ( % ) smd switching diode smd switching diode www.com chip.co m.tw c o m c h ip c o m c h ip fig. 3 - cap acita nce bet ween ter mina ls chara cteris tics rev ers e vol tag e (v) c a p a c i t a n c e b e t w e e n t e r m i n a l s ( p f ) 0 1.0 2.0 3.0 4.0 5.0 0 2 4 6 8 10 12 14 page 2 f o r w a r d c u r r e n t ( m a ) fig. 1 - forw ard cha racte ristic s for war d vol tag e (v) reverse voltage (v) fig. 2 - rev erse ch aract eristi cs r e v e r s e c u r r e n t ( a ) 10 00 1 10 1 00 10 20 30 40 50 60 70 80 0 0 0.2 0 .4 0 .6 0 .8 1 .0 1.2 1n 10 u 10 n 10 0n 1u f = 1 mhz ta = 25 c ambient temperature ( ) c c c 125 c 75 c 25 c 7 5 c 2 5 c - 2 5 c 1 2 5 rds0208009-c


▲Up To Search▲   

 
Price & Availability of CDSS101A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X